Electronic Components Datasheet Search
  English  ▼

X  

AD7569 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7569
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7569 Datasheet HTML 12Page - Analog Devices AD7569 Datasheet HTML 13Page - Analog Devices AD7569 Datasheet HTML 14Page - Analog Devices AD7569 Datasheet HTML 15Page - Analog Devices AD7569 Datasheet HTML 16Page - Analog Devices AD7569 Datasheet HTML 17Page - Analog Devices AD7569 Datasheet HTML 18Page - Analog Devices AD7569 Datasheet HTML 19Page - Analog Devices AD7569 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
–16–
REV. B
AD7569/AD7669
APPLYING THE AD7569/AD7669 ADC
The analog input on the AD7569/AD7669 accepts the same
four input ranges as the output ranges on the DAC. Whatever
output range is selected for the DAC also applies to the input
range of the ADC.
Although separate AGNDs exist for both the DAC and ADC to
minimize crosstalk, writing data to the DAC while the ADC is
performing a conversion may result in an incorrect conversion
from the ADC due to an interaction of currents between the
DAC and ADC. Therefore, to ensure correct operation of the
ADC, the DAC register should not be updated while the ADC
is converting.
UNIPOLAR OPERATION
The circuit of Figure 21 shows the AD7569 configured for both
an input and output range of 0 V to +1.25 V (the AD7669 con-
figuration is similar). The nominal transfer characteristic for this
range is shown in Figure 22. The output code is Natural Binary
with 1 LSB = (1.25/256)V = 4.88 mV.
As before, to achieve the unipolar 0 V to +2.5 V input range,
VSS is connected to 0 V, and the RANGE input is tied to a logic
high. The nominal transfer characteristic is as in Figure 22 but,
in this case, 1 LSB = (2.5/256)V = 9.76 mV.
Figure 22. Nominal Transfer Characteristic for Unipolar
(0 V to +1.25 V) Operation
BIPOLAR OPERATION
The analog input of the AD7569/AD7669 ADC is configured
for bipolar inputs when VSS = –5 V. The output code provided
by the part is twos complement. Figure 23 shows the transfer
function for bipolar (–1.25 V to +1.25 V) operation. The LSB
size for this range is (2.5/256)V = 9.76 mV.
The transfer function for the –2.5 V to +2.5 V range is identical
to that of Figure 23, but now FS = 5 V and the LSB size is
(5/256)V = 19.5 mV.
ADC OFFSET AND FULL-SCALE ERROR ADJUSTMENT
In most Digital Signal Processing (DSP) applications, offset and
full-scale error have little or no effect on system performance. A
Figure 23. Nominal Transfer Characteristic for Bipolar
(–1.25 V to +1.25 V) Operation
typical example is a digital filter where an ac analog signal is
quantized by the ADC, digitally processed and recreated using
the DAC. In these types of applications, the offset error can be
eliminated by ac coupling the recreated signal. Full-scale error
effect is linear and does not cause problems as long as the input
signal is within the full dynamic range of the ADC. An impor-
tant parameter in DSP applications is Differential Nonlinearity,
and this is not affected by either offset or full-scale error.
In applications where absolute accuracy is important ADC off-
set and full-scale error can be adjusted to zero. Figure 24 shows
the additional components required for offset and full-scale er-
ror adjustment. Offset error must be adjusted before full-scale
error. Zero offset is achieved by adjusting the offset of the op
amp driving VIN (i.e., A1 in Figure 23). In unipolar applica-
tions, for zero offset error, apply 1/2 LSB at the analog input
and adjust the op amp offset voltage until the ADC output code
flickers between 0000 0000 and 0000 0001. For zero full-scale
error, apply an analog input of FS – 3/2 LSBs and adjust R1 un-
til the ADC output code flickers between 1111 1110 and 1111
1111.
In bipolar applications, to adjust for bipolar zero offset, apply
–1/2 LSB at the analog input and adjust the op amp offset volt-
age until the output code flickers between 1111 1111 and 0000
0000. For zero full-scale error, apply +FS/2 – 3/2 LSB at the
analog input and adjust R1 until the ADC output code flickers
between 0111 1110 and 0111 1111.
Figure 24. ADC Error Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com