Electronic Components Datasheet Search
  English  ▼

X  

AD7569 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7569
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7569 Datasheet HTML 12Page - Analog Devices AD7569 Datasheet HTML 13Page - Analog Devices AD7569 Datasheet HTML 14Page - Analog Devices AD7569 Datasheet HTML 15Page - Analog Devices AD7569 Datasheet HTML 16Page - Analog Devices AD7569 Datasheet HTML 17Page - Analog Devices AD7569 Datasheet HTML 18Page - Analog Devices AD7569 Datasheet HTML 19Page - Analog Devices AD7569 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD7569/AD7669
–19–
REV. B
TARE FUNCTION FOR WEIGH SCALE—AD7569
The infinite sample-and-hold just outlined can also form the ba-
sis of a circuit to provide a tare function for a weigh scale sys-
tem. Figure 30 shows a circuit for a weigh scale system. It
incorporates a tare function using a simple circuit based on the
AD7569.
The AD587, along with the 2N6285, provides a buffered +10 V
reference to supply the low impedance load cell transducer. The
load cell output is amplified by the AD624 precision instrumen-
tation amplifier with gain adjustment provided by R1. The out-
put of the AD624 is applied to the noninverting input of a unity
gain differential summing amplifier that uses the AD707, a high
precision op amp with low drift. The AD707 feeds a 3 1/2 digit
panel meter module that converts the signal for digital readout.
The input signal to the panel meter is also applied to the analog
input of the AD7569 for the tare function. When the tare switch
(S1) is closed, a tare cycle commences and VIN is sampled and
held infinitely at VOUT until the next tare cycle. VOUT drives the
inverting input of the differential amplifier and forces its output
to zero. Thus, the tare function is used to give a readout of zero
for any undesired weight, such as a box, when only the item
placed in it is to be weighed. The tare function can also be used
in calibrating the system, to cancel out offset errors due to the
load cell, AD624 and differential amplifier.
The AD7569 offers many advantages in the system outlined,
such as: simple, low cost circuit—no need for microprocessor,
software, etc.—and low power consumption.
Figure 30. Weigh Scale System with Tare Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com