Electronic Components Datasheet Search
  English  ▼

X  

AD8211 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8211
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8211 Datasheet HTML 8Page - Analog Devices AD8211 Datasheet HTML 9Page - Analog Devices AD8211 Datasheet HTML 10Page - Analog Devices AD8211 Datasheet HTML 11Page - Analog Devices AD8211 Datasheet HTML 12Page - Analog Devices AD8211 Datasheet HTML 13Page - Analog Devices AD8211 Datasheet HTML 14Page - Analog Devices AD8211 Datasheet HTML 15Page - Analog Devices AD8211 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8211
Rev. A | Page 12 of 16
APPLICATIONS INFORMATION
HIGH-SIDE CURRENT SENSE WITH A LOW-SIDE
SWITCH
In such load control configurations, the PWM-controlled
switch is ground referenced. An inductive load (solenoid) is tied
to a power supply. A resistive shunt is placed between the switch
and the load (see Figure 25). An advantage of placing the shunt on
the high side is that the entire current, including the recirculation
current, can be measured because the shunt remains in the loop
when the switch is off. In addition, diagnostics can be enhanced
because shorts to ground can be detected with the shunt on the
high side. In this circuit configuration, when the switch is
closed, the common-mode voltage moves down to near the
negative rail. When the switch is opened, the voltage reversal
across the inductive load causes the common-mode voltage to
be held one diode drop above the battery by the clamp diode.
GND
2
VIN+
VIN–
1
5
OUT
V+
3
4
AD8211
5V
INDUCTIVE
LOAD
CLAMP
DIODE
SHUNT
SWITCH
BATTERY
1
2
3
5
4
Figure 25. Low-Side Switch
HIGH-SIDE CURRENT SENSING
In this configuration, the shunt resistor is referenced to the
battery. High voltage is present at the inputs of the current sense
amplifier. In this mode, the recirculation current is again measured
and shorts to ground can be detected. When the shunt is battery
referenced, the AD8211 produces a linear ground-referenced
analog output. An AD8214 can also be used to provide an over-
current detection signal in as little as 100 ns. This feature is
useful in high current systems where fast shutdown in over-
current conditions is essential.
GND
2
VIN+
VIN–
1
5
OUT
V+
3
4
AD8211
5V
INDUCTIVE
LOAD
CLAMP
DIODE
SHUNT
SWITCH
BATTERY
1
2
3
4
8
7
6
5
AD8214
GND
NC
–IN
OUT
VREG
+IN
VS
NC
OVERCURRENT
DETECTION (<100ns)
1
2
3
5
4
Figure 26. Battery-Referenced Shunt Resistor
LOW-SIDE CURRENT SENSING
In systems where low-side current sensing is preferred, the
AD8211 provides an integrated solution with great accuracy.
Ground noise is rejected, CMRR is typically higher than 90 dB,
and output linearity is not compromised, regardless of the input
differential voltage.
GND
2
VIN+
VIN–
1
5
OUT
V+
3
4
AD8211
5V
INDUCTIVE
LOAD
CLAMP
DIODE
SHUNT
BATTERY
SWITCH
1
2
3
5
4
Figure 27. Ground-Referenced Shunt Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com