Electronic Components Datasheet Search
  English  ▼

X  

AD8211 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8211
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211 Datasheet(HTML) 3 Page - Analog Devices

  AD8211 Datasheet HTML 1Page - Analog Devices AD8211 Datasheet HTML 2Page - Analog Devices AD8211 Datasheet HTML 3Page - Analog Devices AD8211 Datasheet HTML 4Page - Analog Devices AD8211 Datasheet HTML 5Page - Analog Devices AD8211 Datasheet HTML 6Page - Analog Devices AD8211 Datasheet HTML 7Page - Analog Devices AD8211 Datasheet HTML 8Page - Analog Devices AD8211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8211
Rev. A | Page 3 of 16
SPECIFICATIONS
TOPR = −40°C to +125°C, TA = 25°C, VS = 5 V, RL = 25 kΩ (RL is the output load resistor), unless otherwise noted.
Table 1.
Y GRADE
W GRADE
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
GAIN
Initial
20
20
V/V
Accuracy
±0.25
±0.25
%
VO ≥ 0.1 V dc
Accuracy Over Temperature
±0.35
±0.4
%
TOPR
Gain vs. Temperature
−13
−13
ppm/°C
TOPR1
VOLTAGE OFFSET
Offset Voltage (RTI)
±1
±1
mV
25°C
Over Temperature (RTI)
±2.2
±2.5
mV
TOPR
Offset Drift
5
5
μV/°C
TOPR2
INPUT
Input Impedance
Differential
5
5
kΩ
Common Mode
5
5
MΩ
Common-mode voltage > 5 V
3.5
3.5
kΩ
Common-mode voltage < 5 V
Common-Mode Input Voltage
Range
−2
+65
−2
+65
V
Common-mode continuous
Differential Input Voltage Range
250
250
mV
Differential input voltage
Common-Mode Rejection
100
120
100
120
dB
TOPR, f = dc, VCM > 5 V, see
Figure 5
80
90
80
90
dB
TOPR, f = dc, VCM < 5 V, see
Figure 5
OUTPUT
Output Voltage Range Low
0.1
0.05
0.1
0.05
V
TOPR
Output Voltage Range High
4.95
4.9
4.95
4.9
V
TOPR
Output Impedance
2
2
Ω
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
500
500
kHz
Slew Rate
4.5
4.5
V/μs
NOISE
0.1 Hz to 10 Hz, RTI
7
7
μV p-p
Spectral Density, 1 kHz, RTI
70
70
nV/√Hz
POWER SUPPLY
Operating Range
4.5
5.5
4.5
5.5
V
Quiescent Current Over Temperature
1.2
2.0
1.2
2.0
mA
VCM > 5 V3, see Figure 12
Power Supply Rejection Ratio
76
76
dB
TEMPERATURE RANGE
For Specified Performance
−40
+125
−40
+125
°C
1 The mean of the gain drift distribution is typically −13 ppm/°C, with a σ = 3 ppm/°C.
2 The mean of the offset drift distribution is typically +5 μV/°C, with a σ = 3 μV/°C.
3 When the input common-mode voltage is less than 5 V, the supply current increases, which can be calculated by IS = −0.275 (VCM) + 2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com