Electronic Components Datasheet Search
  English  ▼

X  

AD8203 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8203
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8203 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8203 Datasheet HTML 9Page - Analog Devices AD8203 Datasheet HTML 10Page - Analog Devices AD8203 Datasheet HTML 11Page - Analog Devices AD8203 Datasheet HTML 12Page - Analog Devices AD8203 Datasheet HTML 13Page - Analog Devices AD8203 Datasheet HTML 14Page - Analog Devices AD8203 Datasheet HTML 15Page - Analog Devices AD8203 Datasheet HTML 16Page - Analog Devices AD8203 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8278/AD8279
Rev. C | Page 13 of 24
–10
–8
–6
–4
–2
0
2
4
6
8
10
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
Figure 31. Gain Nonlinearity, VS = ±15 V, RL ≥ 2 kΩ, G = ½
–20
–12
–16
–8
–4
0
4
8
12
16
20
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
Figure 32. Gain Nonlinearity, VS = ±15 V, RL ≥ 2 kΩ, G = 2
TIME (µs)
5V/DIV
40µs/DIV
0.002%/DIV
6.24µs TO 0.01%
7.92µs TO 0.001%
Figure 33. Large Signal Pulse Response and Settling Time, 10 V Step,
VS = ±15 V, G = ½
TIME (µs)
1V/DIV
0.002%/DIV
3.64µs TO 0.01%
4.12µs TO 0.001%
4µs/DIV
Figure 34. Large Signal Pulse Response and Settling Time, 2 V Step,
VS = 2.7 V, G = ½
TIME (µs)
5V/DIV
0.002%/DIV
7.6µs TO 0.01%
9.68µs TO 0.001%
40µs/DIV
Figure 35. Large Signal Pulse Response and Settling Time, 10 V Step,
VS = ±15 V, G = 2
TIME (µs)
1V/DIV
0.002%/DIV
4.34µs TO 0.01%
5.12µs TO 0.001%
4µs/DIV
Figure 36. Large Signal Pulse Response and Settling Time, 2 V Step,
VS = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com