Electronic Components Datasheet Search
  English  ▼

X  

AD8203 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8203
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8203 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8203 Datasheet HTML 14Page - Analog Devices AD8203 Datasheet HTML 15Page - Analog Devices AD8203 Datasheet HTML 16Page - Analog Devices AD8203 Datasheet HTML 17Page - Analog Devices AD8203 Datasheet HTML 18Page - Analog Devices AD8203 Datasheet HTML 19Page - Analog Devices AD8203 Datasheet HTML 20Page - Analog Devices AD8203 Datasheet HTML 21Page - Analog Devices AD8203 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8278/AD8279
Rev. C | Page 18 of 24
APPLICATIONS INFORMATION
CONFIGURATIONS
The AD8278 and AD8279 can be configured in several ways
(see Figure 51 to Figure 57). These configurations have excellent
gain accuracy and gain drift because they rely on the internal
matched resistors. Note that Figure 53 shows the AD8278 and
AD8279 as difference amplifiers with a midsupply reference
voltage at the noninverting input. This allows the AD8278 and
AD8279 to be used as a level shifter, which is appropriate in
single-supply applications that are referenced to midsupply.
Table 10 lists several single-ended amplifier configurations
that are not illustrated.
40kΩ
2
3
5
1
6
20kΩ
40kΩ
20kΩ
–IN
OUT
+IN
VOUT = ½ (VIN+ − VIN−)
AD8278
Figure 51. Difference Amplifier, Gain = ½
20kΩ
5
1
2
3
6
40kΩ
20kΩ
40kΩ
–IN
OUT
+IN
VOUT = 2(VIN+ − VIN−)
AD8278
Figure 52. Difference Amplifier, Gain = 2
40kΩ
2
3
5
1
VREF = MIDSUPPLY
6
20kΩ
40kΩ
20kΩ
–IN
OUT
+IN
VOUT = ½ (VIN+ − VIN−) + VREF
AD8278
Figure 53. Difference Amplifier, Gain = ½, Referenced to Midsupply
20kΩ
5
1
2
3
VREF = MIDSUPPLY
6
40kΩ
20kΩ
40kΩ
–IN
OUT
+IN
VOUT = 2 (VIN+ − VIN−) + VREF
AD8278
Figure 54. Difference Amplifier, Gain = 2, Referenced to Midsupply
40kΩ
2
3
5
1
6
20kΩ
40kΩ
20kΩ
IN
OUT
VOUT = –½VIN
AD8278
Figure 55. Inverting Amplifier, Gain = −½
40kΩ
25
6
20kΩ
IN
OUT
3
1
40kΩ
20kΩ
VOUT = 1.5VIN
AD8278
Figure 56. Noninverting Amplifier, Gain = 1.5
20kΩ
2
3
5
1
6
40kΩ
20kΩ
40kΩ
OUT
IN
VOUT = 2VIN
AD8278
Figure 57. Noninverting Amplifier, Gain = 2
Table 10. AD8278 Difference and Single-Ended Amplifier Configurations
Amplifier Configuration
Signal Gain
Pin 1 (REF)
Pin 2 (VIN−)
Pin 3 (VIN+)
Pin 5 (SENSE)
Difference Amplifier
+½
GND
IN−
IN+
OUT
Difference Amplifier
+2
IN+
OUT
GND
IN−
Single-Ended Inverting Amplifier
−½
GND
IN
GND
OUT
Single-Ended Inverting Amplifier
−2
GND
OUT
GND
IN
Single-Ended Noninverting Amplifier
+3⁄2
IN
GND
IN
OUT
Single-Ended Noninverting Amplifier
+3
IN
OUT
IN
GND
Single-Ended Noninverting Amplifier
+½
GND
GND
IN
OUT
Single-Ended Noninverting Amplifier
+1
IN
GND
GND
OUT
Single-Ended Noninverting Amplifier
+1
GND
OUT
IN
GND
Single-Ended Noninverting Amplifier
+2
IN
OUT
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com