Electronic Components Datasheet Search
  English  ▼

X  

APL3513 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3513
Description  2A High Side Load Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3513 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3513 Datasheet HTML 4Page - Anpec Electronics Coropration APL3513 Datasheet HTML 5Page - Anpec Electronics Coropration APL3513 Datasheet HTML 6Page - Anpec Electronics Coropration APL3513 Datasheet HTML 7Page - Anpec Electronics Coropration APL3513 Datasheet HTML 8Page - Anpec Electronics Coropration APL3513 Datasheet HTML 9Page - Anpec Electronics Coropration APL3513 Datasheet HTML 10Page - Anpec Electronics Coropration APL3513 Datasheet HTML 11Page - Anpec Electronics Coropration APL3513 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - May., 2010
APL3513
www.anpec.com.tw
8
Operating Waveforms (Cont.)
The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Over Load Response
CH1: V
IN, 2V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 1ms/Div
V
IN =5V, CIN =1µF/Electrolytic, COUT =0.1µF/
Electrolytic
CH3: I
OUT, 1A/Div, DC
1
2
3
V
OUT
V
IN
I
OUT
Pin Description
PIN
NO.
NAME
FUNCTION
1,5,6,7,8
VIN
Power Supply Input. Connect this pin to external DC supply.
2
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When ENB is high or EN is low,
the output voltage is discharged by an internal resistor.
3
EN
Enable control input. Pulling this pin to high will enable the device and pulling this pin to low will
disable device. The EN pin cannot be left floating.
4
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com