Electronic Components Datasheet Search
  English  ▼

X  

APL3513 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL3513
Description  2A High Side Load Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3513 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL3513 Datasheet HTML 8Page - Anpec Electronics Coropration APL3513 Datasheet HTML 9Page - Anpec Electronics Coropration APL3513 Datasheet HTML 10Page - Anpec Electronics Coropration APL3513 Datasheet HTML 11Page - Anpec Electronics Coropration APL3513 Datasheet HTML 12Page - Anpec Electronics Coropration APL3513 Datasheet HTML 13Page - Anpec Electronics Coropration APL3513 Datasheet HTML 14Page - Anpec Electronics Coropration APL3513 Datasheet HTML 15Page - Anpec Electronics Coropration APL3513 Datasheet HTML 16Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - May., 2010
APL3513
www.anpec.com.tw
12
Package Information
TDFN2x2-8
D
A
A1
A3
D2
e
Pin 1 Corner
MIN.
MAX.
0.80
0.00
0.18
0.30
1.00
1.60
0.05
0.60
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TDFN2x2-8
0.30
0.45
1.00
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.007
0.012
0.039
0.063
0.024
0.012
0.018
0.70
0.039
0.028
0.002
0.50 BSC
0.020 BSC
S
Y
M
B
O
L
1.90
2.10
0.075
0.083
1.90
2.10
0.075
0.083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com