Electronic Components Datasheet Search
  English  ▼

X  

APL3517 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3517
Description  Compact, Small Package 100mA Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3517 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3517 Datasheet HTML 1Page - Anpec Electronics Coropration APL3517 Datasheet HTML 2Page - Anpec Electronics Coropration APL3517 Datasheet HTML 3Page - Anpec Electronics Coropration APL3517 Datasheet HTML 4Page - Anpec Electronics Coropration APL3517 Datasheet HTML 5Page - Anpec Electronics Coropration APL3517 Datasheet HTML 6Page - Anpec Electronics Coropration APL3517 Datasheet HTML 7Page - Anpec Electronics Coropration APL3517 Datasheet HTML 8Page - Anpec Electronics Coropration APL3517 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2012
APL3517/A/B
www.anpec.com.tw
5
Typical Operating Characteristics
UVLO Threshold Voltage vs .
Junction Temperature
Junction Temperature, TJ (
oC)
-50 -25
0
25
50
75 100 125
2.35
2.40
2.45
2.50
2.55
2.60
2.65
VIN Decreasing
VIN Increasing
Junction Temperature, TJ (
oC)
Supply Current vs.
Junction Temperature
VIN = 5V
-50
-25
0
25
50
75 100 125
100
110
120
130
140
150
160
Junction Temperature, TJ (
oC)
Current Limit Threshold vs .
Junction Temperature
-50 -25
0
25
50
75
100 125
V IN = 5 V
200
250
300
350
400
450
500
Junction Temperature, TJ (
oC)
Switch On Resistance vs.
Junction Temperature
VIN = 5V
I
OUT = 100 mA
210
230
250
270
290
310
330
-50
-25
0
25
50
75 100 125
Input Voltage, VIN (V)
Switch On Resistance vs.
Input Voltage
200
210
220
230
240
250
260
270
280
290
300
2.5
3.0
3.5
4.0
4.5
5.0
IOUT = 100mA
TJ = 25
oC
Input Voltage, VIN (V)
Current Limit Threshold vs .
Input Voltage
2.5
3.0
3.5
4.0
4.5
5.0
200
250
300
350
400
450
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com