Electronic Components Datasheet Search
  English  ▼

X  

APL3517 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3517
Description  Compact, Small Package 100mA Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3517 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3517 Datasheet HTML 2Page - Anpec Electronics Coropration APL3517 Datasheet HTML 3Page - Anpec Electronics Coropration APL3517 Datasheet HTML 4Page - Anpec Electronics Coropration APL3517 Datasheet HTML 5Page - Anpec Electronics Coropration APL3517 Datasheet HTML 6Page - Anpec Electronics Coropration APL3517 Datasheet HTML 7Page - Anpec Electronics Coropration APL3517 Datasheet HTML 8Page - Anpec Electronics Coropration APL3517 Datasheet HTML 9Page - Anpec Electronics Coropration APL3517 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2012
APL3517/A/B
www.anpec.com.tw
6
Typical Operating Characteristics
Junction Temperature, TJ (
oC)
Output OVP Threshold vs .
Junction Temperature
VIN = 5V
-50 -25
0
25
50
75
100 125
5.30
5.35
5.40
5.45
5.50
5.55
5.60
Reverse Current Blocking Threshold
vs. Junction Temperature
Junction Temperature, TJ (
oC)
-50 -25
0
25
50
75
100 125
VIN = 3V
VOUT = 5 V
80
100
120
140
160
180
200
220
240
260
280
300
Input Voltage, VIN (V)
EN pin Threshold Voltage vs .
Input Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VEN Increasing
VEN Decreasing
Output Voltage, VOUT (V)
Reverse Current Blocking Threshold
vs. Output Voltage
0
50
100
150
200
250
300
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2
V
IN = 4V
Output Peak Current (A)
Current-Limit Response vs.
Output Peak Current
0
5
10
15
20
25
0
2
4
6
8
10
V IN=5V, TJ=25
o C
CIN=330µF, COUT=0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com