Electronic Components Datasheet Search
  English  ▼

X  

APL5315 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5315 Datasheet HTML 1Page - Anpec Electronics Coropration APL5315 Datasheet HTML 2Page - Anpec Electronics Coropration APL5315 Datasheet HTML 3Page - Anpec Electronics Coropration APL5315 Datasheet HTML 4Page - Anpec Electronics Coropration APL5315 Datasheet HTML 5Page - Anpec Electronics Coropration APL5315 Datasheet HTML 6Page - Anpec Electronics Coropration APL5315 Datasheet HTML 7Page - Anpec Electronics Coropration APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APL5315
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
Features
•
Wide Operating Voltage: 2.8~6V
•
Low Dropout Voltage:
230mV(typical) @ 300mA
•
Guaranteed 300mA Output Current
•
Two Modes for Setting Output Voltage
- Fixed Output Voltage: 1~5V
- Adjustable Output Voltage: 0.8~5.5V
•
Current Limit Protection with Foldback Current
•
Internal Soft-Start
•
Over Temperature Protection
•
Stable with Low ESR Ceramic Capacitor
•
SOT-23-5 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APL5315 is a P-channel low dropout linear regulator
which needs only one input voltage from 2.8~6V, and de-
livers current up to 300mA to set output voltage. It also
can work with low ESR ceramic capacitors and is ideal for
using in the battery-powered applications such as note-
book computers and cellular phones. Typical dropout volt-
age is only 230mV at 300mA loading.
The APL5315 provides two kinds of output voltage
operation modes for setting the output voltage. Fixed
output voltage mode senses the output voltage on
VOUT, adjustable output voltage mode needs two
resistors as a voltage divider. Current limit with current
foldback and thermal shutdown functions protect the
device against current over-loads and over temperature.
The APL5315 is available in a SOT-23-5 package.
•
Cellular Phones
•
Portable and Battery-powered Equipment
•
Notebook and Personal Computers
Simplified Application Circuit
Ordering and Marking Information
VIN
SHDN
GND
VOUT
SET
C
IN
1
2
3
4
5
APL5315
V
OUT
C
OUT
V
IN
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Temperature Range
Package Code
Voltage Code
APL5315
Handling Code
Assembly Material
Package Code
B : SOT-23-5
Operating Junction Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code
12 : 1.2V
Blank : Adjustable
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
°


Similar Part No. - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-12 ANPEC-APL5315-12 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-12BI-TRL ANPEC-APL5315-12BI-TRL Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-15 ANPEC-APL5315-15 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-18 ANPEC-APL5315-18 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results

Similar Description - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125_15 Datasheet
350Kb / 8P
SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com