Electronic Components Datasheet Search
  English  ▼

X  

APL5315 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5315 Datasheet HTML 1Page - Anpec Electronics Coropration APL5315 Datasheet HTML 2Page - Anpec Electronics Coropration APL5315 Datasheet HTML 3Page - Anpec Electronics Coropration APL5315 Datasheet HTML 4Page - Anpec Electronics Coropration APL5315 Datasheet HTML 5Page - Anpec Electronics Coropration APL5315 Datasheet HTML 6Page - Anpec Electronics Coropration APL5315 Datasheet HTML 7Page - Anpec Electronics Coropration APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APL5315
www.anpec.com.tw
4
Typical Operating Characteristics
Quiescent Current vs. Supply Voltage
Quiescent Current vs. Junction Temperature
Quiescent Current vs. Output Current
PSRR vs. Frequency
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
1000
10000
100000
1000000
Frequency (Hz)
-60
-50
-40
-30
-20
-10
0
V
IN=3.3V, VOUT=1.2V
C
IN=1µF, COUT=2.2µF
I
OUT=300mA
Output Current, I
OUT (mA)
V
OUT=3.3V
0
100
200
300
0
50
100
150
200
250
T
J=-50°
C
T
J=0°
C
T
J=25°
C
T
J=125°
C
T
J=75°
C
Supply Voltage, V
IN (V)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
I
OUT= 0mV
60
80
100
120
140
160
180
0
50
100
150
200
250
300
Output Current, I
OUT (mA)
V
IN=5.5V
V
IN=4.5V
Junction Temperature, T
J (°
C)
126
128
130
132
134
136
138
-50
-25
0
25
50
75
100
125
Output Current, I
OUT (mA)
0
50
100
150
200
250
300
0
100
200
300
V
OUT=2.5V
T
J=-50°
C
T
J=75°
C
T
J=25°
C
T
J=0°
C
T
J=125°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com