Electronic Components Datasheet Search
  English  ▼

X  

APL5331 Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APL5331_08 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 18Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 19Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 20Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 21Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 22Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 23Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
20
Package Information
TO-263-5
L
VIEW A
GAUGE PLANE
SEATING PLANE
Note : Follow from JEDEC TO-263 BB.
SEE VIEW A
E
A
c2
b
c
E1
e
S
Y
M
B
O
L
MIN.
MAX.
4.83
0.00
0.38
0.74
1.14
1.65
0.25
6.00
A
A1
c
c2
D
D1
E
MILLIMETERS
b
0.51
0.99
1.70 BSC
TO-263-5
9.65
11.43
6.22
0.067 BSC
MIN.
MAX.
INCHES
0.190
0.000
0.020
0.039
0.015
0.029
0.045
0.065
0.236
0.380
0.450
0.245
4.06
0.160
0.010
E1
0.380
0.066
0.110
L
L1
e
1.78
8.38
9.65
1.68
2.79
0.070
0.330
0
H
14.61
15.88
0.575
0.625
9.00
9.00
0.354
0.354
1.70 BSC
8o
0o
0o
8o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com