Electronic Components Datasheet Search
  English  ▼

X  

APL5331 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5331_08 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over, V
CNTL=3.3V, VIN=2.5V/1.8V, VREF=0.5VIN and TA = 0
to 70°C, unless otherwise specified. Typical values refer to T
A = 25°C.
APL5331
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
INPUT CURRENT
IOUT = 0A
2
3.9
6
IOUT = ±3A (Normal Operation)
50
110
ICNTL
VCNTL Supply Current
VREF = GND (Shutdown)
2.0
mA
VREF = 1.25V/0.9V (Normal Operation)
200
500
nA
IVREF
VREF Bias Current
(The current flows out
of VREF)
VREF = GND (Shutdown)
20
40
µA
SHUTDOWN CONTROL
Shutdown Threshold
Voltage
0.2
0.35
0.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com