Electronic Components Datasheet Search
  English  ▼

X  

ATmega165A-MCHR Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATmega165A-MCHR
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165A-MCHR Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATmega165A-MCHR Datasheet HTML 9Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 10Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 11Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 12Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 13Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 14Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 15Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 16Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
ATmega165A/PA/325A/PA/3250A/PA/645A/P/6450A/P [SUMMARY]
8285ES–AVR–02/2013
3.5
ATmega3250A
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. VCC, see Figure 28-1 on page 295.
4. Tape & Reel
5. See characterization specifications at 105°C.
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package(1)
Operation Range
20
1.8 - 5.5V
ATmega3250A-AU
ATmega3250A-AUR(4)
100A
100A
Industrial
(-4
0
C to 85C)
ATmega3250A-AN
ATmega3250A-ANR(4)
100A
100A
Extended
(-4
0
C to 105C)(5)
Package Type
100A
100-lead, 14 x 14 x 1.0mm, 0.5mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com