Electronic Components Datasheet Search
  English  ▼

X  

ATmega165A-MCHR Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATmega165A-MCHR
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165A-MCHR Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATmega165A-MCHR Datasheet HTML 16Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 17Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 18Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 19Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 20Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 21Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 22Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 23Page - ATMEL Corporation ATmega165A-MCHR Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
ATmega165A/PA/325A/PA/3250A/PA/645A/P/6450A/P [SUMMARY]
8285ES–AVR–02/2013
4.3
64MC
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
64MC
ZXC
A
64MC, 64QFN (2-Row Staggered),
7 x 7 x 1.00 mm Body, 4.0 x 4.0 mm Exposed Pad,
Quad Flat No Lead Package
10/3/07
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.18
0.23
0.28
C
0.20 REF
D
6.90
7.00
7.10
D2
3.95
4.00
4.05
E
6.90
7.00
7.10
E2
3.95
4.00
4.05
eT
–
0.65
–
eR
–
0.65
–
K
0.20
–
–
(REF)
L
0.35
0.40
0.45
y
0.00
–
0.075
SIDE VIEW
TOP VIEW
BOTTOM VIEW
Note:
1. The terminal #1 ID is a Laser-marked Feature.
Pin 1 ID
D
E
A1
A
y
C
eT/2
R0.20
0.40
B1
A1
B30
A34
b
A8
B7
eT
D2
B16
A18
B22
A25
E2
K
(0.1) REF
B8
A9
(0.18) REF
L
B15
A17
L
A26
B23
eT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com