Electronic Components Datasheet Search
  English  ▼

X  

2SC3710A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3710A
Description  High-Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3710A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3710A Datasheet HTML 1Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 2Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 3Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 4Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3710A
2010-12-21
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3710A
High-Power Switching Applications
• Low collector saturation voltage: VCE (sat) = 0.4 V (max)
• High-speed switching: tstg = 1.0 μs (typ.)
• Complementary to 2SA1452A
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
12
A
Base current
IB
2
A
Collector power dissipation
(Tc = 25°C)
PC
30
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Similar Part No. - 2SC3710A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3710A TOSHIBA-2SC3710A Datasheet
226Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
2SC3710A TOSHIBA-2SC3710A Datasheet
146Kb / 5P
High-Current Switching Applications
logo
Inchange Semiconductor ...
2SC3710A ISC-2SC3710A Datasheet
223Kb / 2P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC3710A TOSHIBA-2SC3710A_04 Datasheet
146Kb / 5P
High-Current Switching Applications
More results

Similar Description - 2SC3710A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
High Power Switching Applications
GT15M321 TOSHIBA-GT15M321_06 Datasheet
426Kb / 6P
HIGH POWER SWITCHING APPLICATIONS
2SD1415A TOSHIBA-2SD1415A_09 Datasheet
162Kb / 5P
High-Power Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
2SC2204 TOSHIBA-2SC2204 Datasheet
93Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SD664 TOSHIBA-2SD664 Datasheet
215Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com