Electronic Components Datasheet Search
  English  ▼

X  

2SC3710A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3710A
Description  High-Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3710A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3710A Datasheet HTML 1Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 2Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 3Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 4Page - Toshiba Semiconductor 2SC3710A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3710A
2010-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
40
60 80 100
200
300
600
400
IB = 20 mA
150
1.0
0
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
Common emitter
Tc = 25°C
60
150
200
IB = 20 mA
40
100
600
80
300
1.0
0
0
Common emitter
Tc = −55°C
2
4
6
8
10
12
0.2
0.4
0.6
0.8
IB = 50 mA
150
100
300
700
400
200
1.0
0
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
Common emitter
Tc = 100°C
Tc = 100°C
25
−55
10
0.1
0.3
1
3
10
30
50
100
300
500
20
Common emitter
VCE = 1 V
Tc = −55°C
25
100
Common emitter
IC/IB = 20
0.1
0.3
1
3
10
0.02
0.05
0.1
0.3
0.5
20
1
10
0
0
100
2
4
6
8
10
12
14
2
4
6
8
Common
emitter
Tc = 25°C
80
60
50
40
30
20
IB = 10 mA
70
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com