Electronic Components Datasheet Search
  English  ▼

X  

APL5885 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5885
Description  500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5885 Datasheet HTML 3Page - Anpec Electronics Coropration APL5885 Datasheet HTML 4Page - Anpec Electronics Coropration APL5885 Datasheet HTML 5Page - Anpec Electronics Coropration APL5885 Datasheet HTML 6Page - Anpec Electronics Coropration APL5885 Datasheet HTML 7Page - Anpec Electronics Coropration APL5885 Datasheet HTML 8Page - Anpec Electronics Coropration APL5885 Datasheet HTML 9Page - Anpec Electronics Coropration APL5885 Datasheet HTML 10Page - Anpec Electronics Coropration APL5885 Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
APL5885
www.anpec.com.tw
7
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2009
Typical Application Circuit
VOUT
Thermal
Shutdown
VIN
GND
Current
Limit
VREF
+
-
Block Diagram
Fixed 1.8V, 2.5V and 3.3V Regulator
1.25V to 7V Adjustable Regulator
R1
R2
R1
1.250V
VOUT
+
×
=
V
IN
V
OUT
APL5885
OUT
IN
GND
1µF
10µF
V
IN
1µF
V
OUT
+
R1
R2
APL5885
OUT
IN
ADJ
+
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com