Electronic Components Datasheet Search
  English  ▼

X  

APL5885 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5885
Description  500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5885 Datasheet HTML 1Page - Anpec Electronics Coropration APL5885 Datasheet HTML 2Page - Anpec Electronics Coropration APL5885 Datasheet HTML 3Page - Anpec Electronics Coropration APL5885 Datasheet HTML 4Page - Anpec Electronics Coropration APL5885 Datasheet HTML 5Page - Anpec Electronics Coropration APL5885 Datasheet HTML 6Page - Anpec Electronics Coropration APL5885 Datasheet HTML 7Page - Anpec Electronics Coropration APL5885 Datasheet HTML 8Page - Anpec Electronics Coropration APL5885 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
APL5885
www.anpec.com.tw
4
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2009
Typical Operating Characteristics
3
3.1
3.2
3.3
3.4
-50
-25
0
25
50
75
100
125
Output Voltage vs. Temperature
Temperature (°C)
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
-50
-25
0
25
50
75
100
125
Output Voltage vs. Temperature
Temperature (°C)
Line Transient Response
Time (
µs)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-20
-10
0
10
20
30
40
50
0
1
2
3
4
5
6
7
V
OUT=3.3V
V
IN=3.3V
-30
-25
-20
-15
-10
-5
0
5
10
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Load Transient Response
Time (ms)
I
OUT
V
OUT
V
OUT=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com