Electronic Components Datasheet Search
  English  ▼

X  

APW7065 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7065
Description  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7065 Datasheet HTML 9Page - Anpec Electronics Coropration APW7065 Datasheet HTML 10Page - Anpec Electronics Coropration APW7065 Datasheet HTML 11Page - Anpec Electronics Coropration APW7065 Datasheet HTML 12Page - Anpec Electronics Coropration APW7065 Datasheet HTML 13Page - Anpec Electronics Coropration APW7065 Datasheet HTML 14Page - Anpec Electronics Coropration APW7065 Datasheet HTML 15Page - Anpec Electronics Coropration APW7065 Datasheet HTML 16Page - Anpec Electronics Coropration APW7065 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7065
www.anpec.com.tw
13
Application Information
Where R
OUT is the resistor connected from VOUT to FB and
R
GND is the resistor connected from FB to GND.
Output Voltage Selection
The output voltage can be programmed with a resistive
divider. Use 1% or better resistors for the resistive divider
is recommended. The FB pin is the inverter input of the
error amplifier, and the reference voltage is 0.8V. The
output voltage is determined by:


+
×
=
GND
OUT
OUT
R
R
1
0.8
V
Output Inductor Selection
The inductor value determines the inductor ripple current
and affects the load transient response. Higher inductor
value reduces the inductor’s ripple current and induces
lower output ripple voltage. The ripple current and ripple
voltage can be approximated by:
∆V
OUT = IRIPPLE x ESR
where F
S is the switching frequency of the regulator.
Although increase of the inductor value reduces the ripple
current and voltage, a tradeoff will exist between the
inductor’s ripple current and the regulator load transient
response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple current.
The maximum ripple current occurs at the maximum in-
put voltage. A good starting point is to choose the ripple
current to be approximately 30% of the maximum output
current. Once the inductance value has been chosen,
select an inductor that is capable of carrying the required
peak current without going into saturation. In some types
of inductors, especially core that is made of ferrite, the
ripple current will increase abruptly when it saturates.
This will result in a larger output ripple voltage.
IN
OUT
S
OUT
IN
RIPPLE
V
V
L
F
V
V
I
×
×
−
=
Output Capacitor Selection
Higher capacitor value and lower ESR reduce the output
ripple and the load transient drop. Therefore, selecting
high performance low ESR capacitors is intended for
switching regulator applications. In some applications,
multiple capacitors have to be paralleled to achieve the
desired ESR value. A small decoupling capacitor in par-
allel for bypassing the noise is also recommended, and
the voltage rating of the output capacitors also must be
considered. If tantalum capacitors are used, make sure
they are surge tested by the manufactures. If in doubt,
consult the capacitors manufacturer.
Input Capacitor Selection
The input capacitor is chosen based on the voltage rat-
ing and the RMS current rating. For reliable operation,
select the capacitor voltage rating to be at least 1.3 times
higher than the maximum input voltage. The maximum
RMS current rating requirement is approximately I
OUT/2,
where I
OUT is the load current. During power up, the input
capacitors have to handle large amount of surge current.
If tantalum capacitors are used, make sure they are surge
tested by the manufactures. If in doubt, consult the ca-
pacitors manufacturer. For high frequency decoupling, a
ceramic capacitor 1
µF can be connected between the
drain of upper MOSFET and the source of lower MOSFET.
MOSFET Selection
The selection of the N-channel power MOSFETs are de-
termined by the R
DS(ON), reverse transfer capacitance (CRSS)
and maximum output current requirement. There are two
components of loss in the MOSFETs: conduction loss
and transition loss. For the upper and lower MOSFET,
the losses are approximately given by the following:
P
UPPER = IOUT
2 (1+ TC)(R
DS(ON))D + (0.5)( IOUT)(VIN)( tSW)FS
P
LOWER = IOUT
2(1+ TC)(R
DS(ON))(1-D)
Where I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
S is the switching frequency
t
SW is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction loss while the
upper MOSFET include an additional transition loss. The
switching internal, t
SW, is a function of the reverse transfer
capacitance C
RSS. The (1+TC) term is to factor in the tem-
perature dependency of the R
DS(ON) and can be extracted
from the “R
DS(ON) vs Temperature” curve of the power
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com