Electronic Components Datasheet Search
  English  ▼

X  

APW7065 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7065
Description  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7065 Datasheet HTML 1Page - Anpec Electronics Coropration APW7065 Datasheet HTML 2Page - Anpec Electronics Coropration APW7065 Datasheet HTML 3Page - Anpec Electronics Coropration APW7065 Datasheet HTML 4Page - Anpec Electronics Coropration APW7065 Datasheet HTML 5Page - Anpec Electronics Coropration APW7065 Datasheet HTML 6Page - Anpec Electronics Coropration APW7065 Datasheet HTML 7Page - Anpec Electronics Coropration APW7065 Datasheet HTML 8Page - Anpec Electronics Coropration APW7065 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7065
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VCC
VCC to GND
-0.3 ~ 16
V
BOOT
BOOT to PHASE
-0.3 ~ 16
V
UGATE
UGATE to PHASE
<400ns Pulse Width
>400ns Pulse Width
-5 ~ BOOT+5
-0.3 ~ BOOT+0.3
V
LGATE
LGATE to GND
<400ns Pulse Width
>400ns Pulse Width
-5 ~ VCC+5
-0.3 ~ VCC+0.3
V
PHASE
PHASE to GND
<200ns Pulse Width
>200ns Pulse Width
-10 ~ 30
-0.3 ~ 16
V
COMP, FB
COMP, FB to GND
-0.3 ~ 7
V
TJ
Junction Temperature Range
-20 ~ 150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in Free Air
(Note 2)
SOP-8
75
oC/W
θ
JC
Junction-to-Case Thermal Resistance
SOP-8
28
oC/W
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW7065
Handling Code
Temperature Range
Package Code
APW7065 K :
APW7065
XXXXX
XXXXX - Date Code
Assembly Material
Package Code
K : SOP-8
Operating Ambient Temperature Range
E : -20 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com