Electronic Components Datasheet Search
  English  ▼

X  

APW7142 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7142
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7142 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7142 Datasheet HTML 1Page - Anpec Electronics Coropration APW7142 Datasheet HTML 2Page - Anpec Electronics Coropration APW7142 Datasheet HTML 3Page - Anpec Electronics Coropration APW7142 Datasheet HTML 4Page - Anpec Electronics Coropration APW7142 Datasheet HTML 5Page - Anpec Electronics Coropration APW7142 Datasheet HTML 6Page - Anpec Electronics Coropration APW7142 Datasheet HTML 7Page - Anpec Electronics Coropration APW7142 Datasheet HTML 8Page - Anpec Electronics Coropration APW7142 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Nov., 2010
APW7142
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3A, 12V, Synchronous-Rectified Buck Converter
Features
General Description
•
Wide Input Voltage from 4.3V to 14V
•
Output Current up to 3A
•
Adjustable Output Voltage from 0.8V to V
IN
- ±2% System Accuracy
•
70m
Ω Integrated Power MOSFETs
•
High Efficiency up to 95%
- Automatic Skip/PWM Mode Operation
•
Current-Mode Operation
- Easy Feedback Compensation
- Stable with Low ESR Output Capacitors
- Fast Load/Line Transient Response
•
Power-On-Reset Monitoring
•
Fixed 500kHz Switching Frequency in PWM Mode
•
Built-In Digital Soft-Start and Soft-Stop
•
Current-Limit Protection with Frequency Foldback
•
123% Over-Voltage Protection
•
Hiccup-Mode 50% Under-Voltage Protection
•
Over-Temperature Protection
•
<3
µA Quiescent Current in Shutdown Mode
•
Small SOP-8 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
•
OLPC, UMPC
•
Notebook Computer
•
Handheld Portable Device
•
Step-Down Converters Requiring High Efficiency
and 3A Output Current
Output Current, I
OUT(A)
For high efficiency over all load current range, the
APW7142 is equipped with an automatic Skip/PWM mode
operation. At light load, the IC operates in the Skip mode,
which keeps a constant minimum inductor peak current,
to reduce switching losses. At heavy load, the IC works in
PWM mode, which inductor peak current is programmed
by the COMP voltage, to provide high efficiency and excel-
lent output voltage regulation.
The APW7142 is also equipped with power-on-reset,
soft-start, soft-stop, and whole protections (under-voltage,
over-voltage, over-temperature, and current-limit) into a
single package. In shutdown mode, the supply current
drops below 3
µA.
This device, available in a 8-pin SOP-8 package, pro-
vides a very compact system solution with minimal exter-
nal components and PCB area.
The APW7142 is a 3A synchronous-rectified Buck con-
verter with integrated 70m
Ω power MOSFETs. The
APW7142, designed with a current-mode control scheme,
can convert wide input voltage of 4.3V to 14V to the output
voltage adjustable from 0.8V to VIN to provide excellent
output voltage regulation.
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
V
IN=12V, VOUT=3.3V, L1=4.7µF
V
IN=12V, VOUT=5V, L1=6.8µF
V
IN=5V, VOUT=3.3V, L1=2.2µF


Similar Part No. - APW7142

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
More results

Similar Description - APW7142

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
Synchronous-Rectified Buck Converter
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com