Electronic Components Datasheet Search
  English  ▼

X  

APW7142 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7142
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7142 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7142 Datasheet HTML 10Page - Anpec Electronics Coropration APW7142 Datasheet HTML 11Page - Anpec Electronics Coropration APW7142 Datasheet HTML 12Page - Anpec Electronics Coropration APW7142 Datasheet HTML 13Page - Anpec Electronics Coropration APW7142 Datasheet HTML 14Page - Anpec Electronics Coropration APW7142 Datasheet HTML 15Page - Anpec Electronics Coropration APW7142 Datasheet HTML 16Page - Anpec Electronics Coropration APW7142 Datasheet HTML 17Page - Anpec Electronics Coropration APW7142 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Nov., 2010
APW7142
www.anpec.com.tw
14
Current-Limit Protection
The APW7142 monitors the output current, flows through
the high-side power MOSFET, and limits the current peak
at current-limit level to prevent loads and the IC from dam-
aging during overload or short-circuit conditions.
Frequency Foldback
The foldback frequency is controlled by the FB voltage.
When the output is shortened to the ground, the frequency
of the oscillator will be reduced to 80kHz. This lower fre-
quency allows the inductor current to safely discharge,
thereby preventing current runaway. The oscillator’s fre-
quency will gradually increase to its designed rate when
the feedback voltage on the FB again approaches 0.8V.
Function Description (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com