Electronic Components Datasheet Search
  English  ▼

X  

APW7153 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7153
Description  3A 5V 2MHz Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7153 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7153 Datasheet HTML 3Page - Anpec Electronics Coropration APW7153 Datasheet HTML 4Page - Anpec Electronics Coropration APW7153 Datasheet HTML 5Page - Anpec Electronics Coropration APW7153 Datasheet HTML 6Page - Anpec Electronics Coropration APW7153 Datasheet HTML 7Page - Anpec Electronics Coropration APW7153 Datasheet HTML 8Page - Anpec Electronics Coropration APW7153 Datasheet HTML 9Page - Anpec Electronics Coropration APW7153 Datasheet HTML 10Page - Anpec Electronics Coropration APW7153 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APW7153/A/B
www.anpec.com.tw
7
Pin Description
PIN
TDFN3x3-10
SOP-8P
APW7153
APW7153A APW7153B
APW7153
NAME
FUNCTION
1
-
1
1
SHDN/RT
Shutdown/Enable and Oscillator Input. Connecting a resistor to
GND sets the switching Frequency. Pull the pin to VDD to shut
down the device. Do leave the pin floating.
-
1
-
-
EN/RT
Shutdown/Enable and Oscillator Input. Connecting a resistor to
VDD sets the switching Frequency. Pull the pin to GND to shut
down the device. Do leave the pin floating.
2
2
2
2
GND
Signal Ground. Ground of MOSFET Gate Drivers and Control
Circuitry.
3, 4
3, 4
3, 4
3
LX
Power Switching Output. LX is the Junction of the high-side and
low-side Power MOSFETs to supply power to the output LC filter.
5
5
5
4
PGND
Power Ground. The Source of the N-channel power MOSFET.
Connect this pin to the system ground with lowest impedance.
6, 7
6
6
5
PVDD
Power Input. PVDD supplies the step-down converter switches.
Connecting a ceramic bypass capacitor from PVDD to PGND to
eliminate switching noise and voltage ripple on the input to the IC.
8
7
7
6
VDD
Control circuitry supply Input. VDD supplies the control circuitry,
gate drivers. Connecting a ceramic bypass capacitor from VDD to
GND to eliminate switching noise and voltage ripple on the input
to the IC.
-
8
8
-
POK
Power Good Output. This pin is open-drain logic output that is
pulled to ground when the output voltage is not within ±
12.5% of
regulation point.
9
9
9
7
FB
Output Feedback Input. The APW7153/A senses the feedback
voltage via FB and regulates the voltage at 0.8V. Connecting FB
with a resistor-divider from the converter’s output sets the output
voltage.
10
10
10
8
COMP
Output of the error amplifier. Connect a series RC network from
COMP to GND to compensate the regulation control loop. In
some cases, an additional capacitor from COMP to GND is
required.
11
11
11
9
Exposed
Pad
Connect the exposed pad to the system ground plan with large
copper area for dissipating heat into the ambient air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com