Electronic Components Datasheet Search
  English  ▼

X  

APW7153 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7153
Description  3A 5V 2MHz Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7153 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7153 Datasheet HTML 1Page - Anpec Electronics Coropration APW7153 Datasheet HTML 2Page - Anpec Electronics Coropration APW7153 Datasheet HTML 3Page - Anpec Electronics Coropration APW7153 Datasheet HTML 4Page - Anpec Electronics Coropration APW7153 Datasheet HTML 5Page - Anpec Electronics Coropration APW7153 Datasheet HTML 6Page - Anpec Electronics Coropration APW7153 Datasheet HTML 7Page - Anpec Electronics Coropration APW7153 Datasheet HTML 8Page - Anpec Electronics Coropration APW7153 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APW7153/A/B
www.anpec.com.tw
5
Refer to the application circuit in the section “Typical Application Circuits”, V
IN=5V, TA=25
oC, unless otherwise specified.
Typical Operating Characteristics
Oscillator Frequency vs. RT Resistance
Efficiency vs. Output Current
Reference Voltage vs. Supply Voltage
Supply Voltage, V
VDD (V)
780
785
790
795
800
805
810
815
820
2
2.5
3
3.5
4
4.5
5
5.5
No Switch Quiescent Current
vs. Supply Voltage
Peak Current-Limit vs. Supply Voltage
0
1
2
3
4
5
6
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage, V
VDD (V)
Efficiency vs. Output Current
200
250
300
350
400
450
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage, V
VDD (V)
0.01
0.1
1
10
Output Current, I
OUT (A)
50
55
60
65
70
75
80
85
90
95
100
V
IN=5V
V
OUT=3.3V
R
T=330k
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
Output Current, I
OUT (A)
V
IN=5V
V
OUT=1.8V
R
T=330k
RT Resistance, R
RT (kΩ)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
200 400 600 800 1000 1200 1400
RT=330k for 1MHz
RT=1.3M for 300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com