Electronic Components Datasheet Search
  English  ▼

X  

BSS138-G Datasheet(PDF) 1 Page - Comchip Technology

Part # BSS138-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BSS138-G Datasheet(HTML) 1 Page - Comchip Technology

  BSS138-G Datasheet HTML 1Page - Comchip Technology BSS138-G Datasheet HTML 2Page - Comchip Technology BSS138-G Datasheet HTML 3Page - Comchip Technology BSS138-G Datasheet HTML 4Page - Comchip Technology BSS138-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOSFET
N-Channel 50-V(D-S) MOSFET
Page 1
REV:A
Mechanical data
-Case: SOT-23, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
BSS138-G
QW-BTR40
Comchip Technology CO., LTD.
Features
-Rugged and Reliable.
-High density cell design for extremely low RDS(ON).
Maximum Ratings (at Ta=25°C unless otherwise noted)
Drain-source voltage
Continuous gate-source voltage
Continuous drain current
Power dissipation
Operating temperature
Storage temperature
Units
Symbol
Parameter
VDS
VGS
ID
PD
RΘJA
TJ
TSTG
Value
50
±20
0.22
0.35
357
150
-55 to +150
V
V
A
W
°C/W
°C
°C
Thermal resistance from Junction to ambient
Circuit diagram
G
D
S
Company reserves the right to improve product design , functions and reliability without notice.
1 : Gate
2 : Source
3 : Drain
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.118(3.00)
0.110(2.80)
0.055(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.012(0.30)
0.020(0.50)
RoHS Device


Similar Part No. - BSS138-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
BSS138-G ONSEMI-BSS138-G Datasheet
198Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
November, 2021 ??Rev. 6
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G_15 Datasheet
141Kb / 5P
MOSFET
More results

Similar Description - BSS138-G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com