Electronic Components Datasheet Search
  English  ▼

X  

BSS138-G Datasheet(PDF) 3 Page - Comchip Technology

Part # BSS138-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BSS138-G Datasheet(HTML) 3 Page - Comchip Technology

  BSS138-G Datasheet HTML 1Page - Comchip Technology BSS138-G Datasheet HTML 2Page - Comchip Technology BSS138-G Datasheet HTML 3Page - Comchip Technology BSS138-G Datasheet HTML 4Page - Comchip Technology BSS138-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MOSFET
Page 3
REV:A
QW-BTR40
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (
)
BSS138-G
Drain Current, ID (A)
Fig.3 - RDS(ON) - ID
Gate to Source Voltage, VGS (V)
Fig.4 - RDS(ON) - VGS
Drain to Source Voltage, VDS (V)
Fig.1 - Output Characteristics
0
2.0
0
4
5
1.0
1
2
3
0.5
1.5
Gate to Source Voltage, VGS (V)
4
2
1
0
Fig.2 - Transfer Characteristics
0
0.4
0.6
0.1
3
0.0
1.0
3.0
0.1 0.2
1.0
0.4
0.8
0.6
1.5
0.5
2.0
Source to Drain Voltage, VSD (V)
1.4
0.6
0.4
0.2
Fig.5 - IS - VSD
0.01
0.1
1
0.001
0.8
TA=25°C
Pulsed
VGS=10V
5V
4V
3V
2V
TA=25°C
Pulsed
0.2
0.3
0.5
2.5
VGS= 4.5V
VGS= 10V
VGS= 6V
TA=25°C
Pulsed
4
2
6
0
0
4
6
1
8
2
3
5
10
TA=25°C
Pulsed
ID= 500mA
1.2
1.0
TA=25°C
Pulsed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com