Electronic Components Datasheet Search
  English  ▼

X  

APW7290 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration APW7290 Datasheet HTML 12Page - Anpec Electronics Coropration APW7290 Datasheet HTML 13Page - Anpec Electronics Coropration APW7290 Datasheet HTML 14Page - Anpec Electronics Coropration APW7290 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
11
APW7290
Application Information
Input Capacitor Selection
Because buck converters have a pulsating input current,
a low ESR input capacitor is required. This results in the
best input voltage filtering, minimizing the interference
with other circuits caused by high input voltage spikes.
Also, the input capacitor must be sufficiently large to sta-
bilize the input voltage during heavy load transients. For
good input voltage filtering, usually a 4.7
µF input capaci-
tor is sufficient. It can be increased without any limit for
better input-voltage filtering. Ceramic capacitors show
better performance because of the low ESR value, and
they are less sensitive against voltage transients and
spikes compared to tantalum capacitors. Place the input
capacitor as close as possible to the input and GND pin of
the device for better performance.
Inductor Selection
For high efficiencies, the inductor should have a low DC
resistance to minimize conduction losses. Especially at
high-switching frequencies, the core material has a
higher impact on efficiency. When using small chip
inductors, the efficiency is reduced mainly due to higher
inductor core losses. This needs to be considered when
selecting the appropriate inductor. The inductor value de-
termines the inductor ripple current. The larger the induc-
tor value, the smaller the inductor ripple current and the
lower the conduction losses of the converter. Conversely,
larger inductor values cause a slower load transient
response. A reasonable starting point for setting ripple
current,
∆I
L, is 40% of maximum output current. The rec-
ommended inductor value can be calculated as below:
L
SW
IN
OUT
OUT
I
F
V
V
1
V
L
∆
⋅


−
≥
I
L(MAX) = IOUT(MAX) + 1/2 x ∆IL
To avoid the saturation of the inductor, the inductor should
be rated at least for the maximum output current of the
converter plus the inductor ripple current.
Output Voltage Setting
In the adjustable version, the output voltage is set by a
resistive divider. The external resistive divider is con-
nected to the output, allowing remote voltage sensing as


 +
⋅
=


 +
⋅
=
2
R
1
R
1
6
.
0
2
R
1
R
1
V
V
REF
OUT
shown in “Typical Application Circuits”. A suggestion of
maximum value of R2 is 200k
Ω to keep the minimum
current that provides enough noise rejection ability through
the resistor divider. The output voltage can be calculated
as below:
Output Capacitor Selection
The current-mode control scheme of the APW7290 al-
lows the use of tiny ceramic capacitors. The higher ca-
pacitor value provides the good load transients response.
Ceramic capacitors with low ESR values have the lowest
output voltage ripple and are recommended. If required,
tantalum capacitors may be used as well. The output
ripple is the sum of the voltages across the ESR and the
ideal output capacitor.


⋅
⋅
+
⋅
⋅


−
⋅
≅
∆
OUT
SW
SW
IN
OUT
OUT
OUT
C
F
8
1
ESR
L
F
V
V
1
V
V
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage char-
acteristics of all the ceramics for a given value and size.
V
IN
V
OUT
I
L
N-FET
SW
I
OUT
C
IN
C
OUT
I
IN
ESR
P-FET
I
P-FET
R2
≤ 200kΩ
APW7290
FB
GND
VOUT
R1
≤1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com