Electronic Components Datasheet Search
  English  ▼

X  

APW7313 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7313
Description  3A 24V 340kHz synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7313 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7313 Datasheet HTML 3Page - Anpec Electronics Coropration APW7313 Datasheet HTML 4Page - Anpec Electronics Coropration APW7313 Datasheet HTML 5Page - Anpec Electronics Coropration APW7313 Datasheet HTML 6Page - Anpec Electronics Coropration APW7313 Datasheet HTML 7Page - Anpec Electronics Coropration APW7313 Datasheet HTML 8Page - Anpec Electronics Coropration APW7313 Datasheet HTML 9Page - Anpec Electronics Coropration APW7313 Datasheet HTML 10Page - Anpec Electronics Coropration APW7313 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Apr., 2013
APW7313
www.anpec.com.tw
7
Operating Waveforms
The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
Power On
1
2
VIN
CH1: VIN, 5V/Div, DC
TIME: 10ms/Div
VIN =12V, VOUT =3.3V, COUT =22uF, L =10uH, no
load
IL
CH2: VOUT, 2V/Div, DC
V OUT
CH3: IL, 0.5A/Div, DC
3
Power Off
1
V
OUT
2
3
CH1: VIN, 5V/Div, DC
TIME: 50ms/Div
CH2: VOUT, 2V/Div, DC
CH3: IL, 0.5A/Div, DC
VIN =12V, VOUT =3.3V, COUT =22uF, L =10uH, no
load
VIN
IL
Enable
IL
VEN
1
3
2
CH1: VEN, 5V/Div, DC
TIME: 5ms/Div
CH2: VOUT, 2V/Div, DC
CH3: IL, 2A/Div, DC
VIN =12V, VOUT =3.3V, COUT =22uF, L =10uH,
RLOAD =2Ω
V OUT
Shutdown
TIME:50
µs/Div
I
L
V
EN
1
3
2
VOUT
CH1: VEN, 5V/Div, DC
CH2: VOUT, 2V/Div, DC
VIN =12V, VOUT =3.3V, COUT =22uF, L =10uH,
RLOAD =2Ω
CH3: IL, 2A/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com