Electronic Components Datasheet Search
  English  ▼

X  

APW7313 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7313
Description  3A 24V 340kHz synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7313 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7313 Datasheet HTML 1Page - Anpec Electronics Coropration APW7313 Datasheet HTML 2Page - Anpec Electronics Coropration APW7313 Datasheet HTML 3Page - Anpec Electronics Coropration APW7313 Datasheet HTML 4Page - Anpec Electronics Coropration APW7313 Datasheet HTML 5Page - Anpec Electronics Coropration APW7313 Datasheet HTML 6Page - Anpec Electronics Coropration APW7313 Datasheet HTML 7Page - Anpec Electronics Coropration APW7313 Datasheet HTML 8Page - Anpec Electronics Coropration APW7313 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Apr., 2013
APW7313
www.anpec.com.tw
5
Typical Operating Characteristics
0.001
0.01
0.1
1
10
Output Current (A)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
VOUT = 5V
VIN = 12V
VIN = 19V
VIN = 24V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
Efficiency vs. Output Current
VIN = 12V
VOUT = 3.3V
VOUT = 2.5V
VIN Supply Current vs. VIN Supply
Voltage
VIN Supply Voltage (V)
5
10
15
20
TA=25
oC
25
1.2
1.3
1.4
1.5
1.6
1.7
Soft Start Time vs. SS pin to GND
Capacitance
SS pin to GND Capacitance (nF)
0
100
200
300
400
500
0
10
20
30
40
50
60
70
80
VIN =12V, VOUT =3.3V, TA=25
oC,
The time of 10%~90%VOUT
EN UVLO Threshold Voltage vs.
VIN Supply Voltage
VEN Rising
VEN Falling
TA=25
oC
2.0
2.1
2.2
2.3
2.4
2.5
2.6
VIN Supply Voltage (V)
5
10
15
20
25
VIN Supply Voltage (V)
5
10
15
20
25
Reference Voltage vs. VIN Supply
Voltage
0.922
0.923
0.924
0.925
0.926
0.927
0.928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com