Electronic Components Datasheet Search
  English  ▼

X  

APW7334 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7334
Description  2A 24V 340kHz synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7334 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7334 Datasheet HTML 1Page - Anpec Electronics Coropration APW7334 Datasheet HTML 2Page - Anpec Electronics Coropration APW7334 Datasheet HTML 3Page - Anpec Electronics Coropration APW7334 Datasheet HTML 4Page - Anpec Electronics Coropration APW7334 Datasheet HTML 5Page - Anpec Electronics Coropration APW7334 Datasheet HTML 6Page - Anpec Electronics Coropration APW7334 Datasheet HTML 7Page - Anpec Electronics Coropration APW7334 Datasheet HTML 8Page - Anpec Electronics Coropration APW7334 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2012
APW7334
www.anpec.com.tw
5
Pin Description
PIN
SOP-8
NAME
FUNCTION
1
BS
High-Side Gate Drive Boost Input. BS supplies the voltage to drive the high-side N-channel MOSFET.
At least 10nF capacitor should be connected from LX to BS to supply the high side switch.
2
VIN
Power Input. VIN supplies the power (4.5V to 24V) to the control circuitry, gate drivers and step-down
converter switches. Connecting a ceramic bypass capacitor and a suitably large capacitor between
VIN and GND eliminates switching noise and voltage ripple on the input to the IC.
3
LX
Power Switching Output. LX is the Drain of the N-Channel power MOSFET to supply power to the
output LC filter.
4
GND
Ground.
5
FB
Output feedback Input. The APW7334 senses the feedback voltage via FB and regulates the voltage
at 0.8V. Connecting FB with a resistor-divider from the converter’s output sets the output voltage from
0.8V to 20V.
6
COMP
Output of the error amplifier. Connect a series RC network from COMP to GND to compensate the
regulation control loop. In some cases, an additional capacitor from COMP to GND is required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. EN threshold is 2.5V with 0.2V
hysteresis. Pull up with 100k
Ω resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND to set
the soft-start period. A 0.1
µF capacitor sets the soft-start period to 15ms. To disable the soft-start
feature, leave SS unconnected.
Block Diagram
LX
Gate
Control
V
REF
Fault
Logics
Error
Amplifier
FB
Inhibit
GND
POR
Power-On-
Reset
5V
UVLO
Current Sense
Amplifier
EN
COMP
Oscillator
340kHz/
110kHz
Slope
Compensation
Current
Compartor
1.5V
Over
Temperature
Protection
Current
Limit
Gate
Driver
Gate
Driver
Gm
VIN
2.5/2.3V
1 BS
3
4
2
5
6
7
8
SS
5V
VIN
Internal
Regulator
5V
FB
0.6V
Enable
120%V
REF
OVP
6
µA
5V
OTP
Current Sense
Amplifier
LOC
LOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com