Electronic Components Datasheet Search
  English  ▼

X  

APW7334 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7334
Description  2A 24V 340kHz synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7334 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7334 Datasheet HTML 2Page - Anpec Electronics Coropration APW7334 Datasheet HTML 3Page - Anpec Electronics Coropration APW7334 Datasheet HTML 4Page - Anpec Electronics Coropration APW7334 Datasheet HTML 5Page - Anpec Electronics Coropration APW7334 Datasheet HTML 6Page - Anpec Electronics Coropration APW7334 Datasheet HTML 7Page - Anpec Electronics Coropration APW7334 Datasheet HTML 8Page - Anpec Electronics Coropration APW7334 Datasheet HTML 9Page - Anpec Electronics Coropration APW7334 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2012
APW7334
www.anpec.com.tw
6
Typical Application Circuit
Vin(V)
VOUT(V)
L1(
µH)
C2(
µF)
R1(K
Ω)
R2(K
Ω)
R3(K
Ω)
C5(nF)
24
5
10
22(Ceremic)
36
6.8
6.8
3.9
12
5
10
44 (Ceremic)
36
6.8
5
1.5
12
3.3
10
22 (Ceremic)
24
7.5
6.8
3.9
12
2.5
10
22 (Ceremic)
12
5.6
6.8
3.9
APW7334
VIN
2
7
EN
COMP
6
GND
4
LX
3
FB
5
BS
1
SS
8
VIN
4.5V~24V
VOUT
3.3V/2A
C1
10
µF
C4
22
µFx2
R1
24K
R2
7.5K
L1
10
µH
C5
0.1
µF
C3
10nF
C6
3.9nF
R3
6.8k
R4
100k
C2
(option*)
* For cirtical condition, like plug in, the large capacitace and high voltage rating are needed to avoid the high spike
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com