Electronic Components Datasheet Search
  English  ▼

X  

APW8726 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW8726
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8726 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW8726 Datasheet HTML 9Page - Anpec Electronics Coropration APW8726 Datasheet HTML 10Page - Anpec Electronics Coropration APW8726 Datasheet HTML 11Page - Anpec Electronics Coropration APW8726 Datasheet HTML 12Page - Anpec Electronics Coropration APW8726 Datasheet HTML 13Page - Anpec Electronics Coropration APW8726 Datasheet HTML 14Page - Anpec Electronics Coropration APW8726 Datasheet HTML 15Page - Anpec Electronics Coropration APW8726 Datasheet HTML 16Page - Anpec Electronics Coropration APW8726 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2012
www.anpec.com.tw
13
APW8726
Function Description (Cont.)
Under-Voltage Protection
Over-Voltage Protection (OVP) of the PWM Converter
The over-voltage protection monitors the FB voltage to
prevent the output from over-voltage condition. When the
output voltage rises above 125% of the nominal output
voltage, the APW8726 turns off the high-side MOSFET
and turns on the low-side MOSFET until the output volt-
age falls below the falling below 105%, the OVP com-
parator is disengaged and both high-side and low-side
drivers turn off.
Shutdown and Enable
The APW8726 can be shut down or enabled by pulling
low the voltage on COMP. The COMP is a dual-function
pin. During normal operation, this pin represents the out-
put of the error amplifier. It is used to compensate the
regulation control loop in combination with the FB pin.
Pulling the COMP low (V
DISABLE = 0.4V maximum) places
the controller into shutdown mode which UGATE and
LGATE are pulled to PHASE and GND respectively.
When the pull-down device is released, the COMP volt-
age will start to rise. When the COMP voltage rises above
the V
DISABLE threshold, the APW8726 will begin a new ini-
tialization and soft-start process.
Adaptive Shoot-Through Protection of the PWM Con-
verter
Remote Sense
APW8726 has a FBRTN pin for applications that require
remote sense. In some applications where high current,
low voltage and accurate output voltage regulation are
needed, FBRTN can sense the negative terminal of re-
mote load capacitor directly, and improve output voltage
drop which is due to the board interconnection loss.
The gate drivers incorporate an adaptive shoot-through
protection to prevent high-side and low-side MOSFETs
from conducting simultaneously and shorting the input
supply. This is accomplished by ensuring the falling gate
has turned off one MOSFET before the other is allowed to
rise.
During turn-off the low-side MOSFET, the LGATE voltage
is monitored until it is below 1.5V threshold, at which
time the UGATE is released to rise after a constant delay.
During turn-off of the high-side MOSFET, the UGATE-to-
PHASE voltage is also monitored until it is below 1.5V
threshold, at which time the LGATE is released to rise
after a constant delay.
The under-voltage function monitors the voltage on FB
(V
FB) by Under-Voltage (UV) comparator to protect the PWM
converter against short-circuit conditions. When the V
FB
falls below the falling UVP threshold (50% V
REF), a fault
signal is internally generated and the device turns off high-
side and low-side MOSFETs. The device will enters hic-
cup mode until the under-voltage phenomenon is
released.
This OVP scheme only clamps the voltage overshoot and
does not invert the output voltage when otherwise acti-
vated with a continuously high output from low-side
MOSFET driver. It¡¦s a common problem for OVP schemes
with a latch. Once an over-voltage fault condition is set, it
can be reset by releasing COMP or toggling VCC power-
on-reset signal.
Power OK Indicator
The APW8726 features an open-drain POK output pin to
indicate one of the IC's working statuses including soft-
start, under-voltage fault, over-current fault.
In normal operation, when the output voltage rises 90%
of its target value, the POK goes high. When the output
voltage outruns 50% or 125% of the target voltage, POK
signal will be pulled low immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com