Electronic Components Datasheet Search
  English  ▼

X  

APW8726 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8726
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8726 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8726 Datasheet HTML 1Page - Anpec Electronics Coropration APW8726 Datasheet HTML 2Page - Anpec Electronics Coropration APW8726 Datasheet HTML 3Page - Anpec Electronics Coropration APW8726 Datasheet HTML 4Page - Anpec Electronics Coropration APW8726 Datasheet HTML 5Page - Anpec Electronics Coropration APW8726 Datasheet HTML 6Page - Anpec Electronics Coropration APW8726 Datasheet HTML 7Page - Anpec Electronics Coropration APW8726 Datasheet HTML 8Page - Anpec Electronics Coropration APW8726 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2012
www.anpec.com.tw
2
APW8726
Simplified Application Circuit
PHASE
FB
GND
VCC
LGATE/
OCSET
COMP
APW8726 (TDFN3x3-10)
VIN
VOUT
UGATE
VCC Supply
(5~12V)
BOOT
ON
OFF
FBRTN
L
O
A
D
POK
V+_near
V-_near
V+_remote
V-_remote
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
APW8726
Handling Code
Temperature Range
Package Code
Package Code
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW
8726
XXXXX
APW8726
QB :
Assembly Material
XXXXX - Date Code
5
6 VCC
7 FBRTN
8 FB
9 COMP
10
POK
BOOT 1
UGATE 2
PHASE
3
GND 4
LGATE/OCSET
TDFN3x3-10
(Top View)
11
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com