Electronic Components Datasheet Search
  English  ▼

X  

APW8728 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW8728
Description  VGA PWM Controller with Differential Voltage Feedback
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8728 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW8728 Datasheet HTML 9Page - Anpec Electronics Coropration APW8728 Datasheet HTML 10Page - Anpec Electronics Coropration APW8728 Datasheet HTML 11Page - Anpec Electronics Coropration APW8728 Datasheet HTML 12Page - Anpec Electronics Coropration APW8728 Datasheet HTML 13Page - Anpec Electronics Coropration APW8728 Datasheet HTML 14Page - Anpec Electronics Coropration APW8728 Datasheet HTML 15Page - Anpec Electronics Coropration APW8728 Datasheet HTML 16Page - Anpec Electronics Coropration APW8728 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2012
APW8728
www.anpec.com.tw
13
Typical Application Circuit
PHASE
RTN
GND
PVCC
OCSET
VOUT
APW8728 (TQFN 3x3-16)
CIN
10
µF x 2
L1
0 .5µ H
VIN
VOUT
UGATE
COUT
330
µF
Supply 5 V
BOOT
9
5
14
1
8
11
RVCC 2R2
C
PV CC
1
µF
Q 1
APM 4350
Q 2
APM 4358
CBOOT
0.1
µF
ROCSE
T
C
OUT
MLCC
22
µFx 4
LGATE
L
O
A
D
3
POK
4
RPOK
100 k
Ω
V+_near
V-_near
V+_remote
V-_remote
REFI
N
ON
OFF
Q3
2N7002
DAC source
6
TON
FB
EN
Enable source
15
VCC
2
CVCC
1
µF
PGND
3
7
10
750 k
12
13
16
FOR External Mode Application
PHASE
RTN
GND
PVCC
OCSET
VOUT
APW8728 (TQFN3X3-16)
CIN
10
µF x 2
L1
0 .5µ H
VIN
VOUT
UGATE
COUT
330
µF
Supply 5 V
BOOT
9
5
14
1
8
11
RVCC 2R2
C
PV CC
1
µF
Q 1
APM 4350
Q 2
APM 4358
CBOOT
0.1µF
ROCSET
LGATE
3
POK
4
RPOK
100k
Ω
REFI
N
ON
OFF
Q3
2N7002
DAC source
6
TON
FB
EN
Enable
source
15
VCC
2
CVCC
1
µF
PGND
3
7
10
RTOP
10k
Ω
RGND
10 k
Ω
750k
12
13
16
FOR Internal Mode Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com