Electronic Components Datasheet Search
  English  ▼

X  

APW8728 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8728
Description  VGA PWM Controller with Differential Voltage Feedback
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8728 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8728 Datasheet HTML 1Page - Anpec Electronics Coropration APW8728 Datasheet HTML 2Page - Anpec Electronics Coropration APW8728 Datasheet HTML 3Page - Anpec Electronics Coropration APW8728 Datasheet HTML 4Page - Anpec Electronics Coropration APW8728 Datasheet HTML 5Page - Anpec Electronics Coropration APW8728 Datasheet HTML 6Page - Anpec Electronics Coropration APW8728 Datasheet HTML 7Page - Anpec Electronics Coropration APW8728 Datasheet HTML 8Page - Anpec Electronics Coropration APW8728 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2012
APW8728
www.anpec.com.tw
2
Pin Configuration
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
TQFN3x3-16
(TOP VIEW)
VOUT
VCC
FB
POK
UGATE
PHASE
OCSET
PVCC
1
4
3
2
9
10
11
12
Handling Code
Temperature Range
.
Package Code
APW8728 QB :
Assembly Meterial
XXXXX
XXXXX - Date Code
APW8728
APW
8728
Package Code
Temperature Range
I : -40 to 85
oC
Handling Code
Assembly Meterial
G : Halogen and Lead Free Device
QB : TQFN3x3-16
TR : Tape & Reel
L : Lead Free Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com