Electronic Components Datasheet Search
  English  ▼

X  

TLP3105 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3105
Description  Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3105 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3105 Datasheet HTML 1Page - Toshiba Semiconductor TLP3105 Datasheet HTML 2Page - Toshiba Semiconductor TLP3105 Datasheet HTML 3Page - Toshiba Semiconductor TLP3105 Datasheet HTML 4Page - Toshiba Semiconductor TLP3105 Datasheet HTML 5Page - Toshiba Semiconductor TLP3105 Datasheet HTML 6Page - Toshiba Semiconductor TLP3105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3105
2012-07-03
1
TOSHIBA Photocoupler Photorelay
TLP3105
Measurement Equipment
FA (Factory Automation)
Power Line Control
Security Equipment
The Toshiba TLP3105 consists of an aluminum gallium arsenide infrared
emitting diode optically coupled to a photo-MOSFET in a SOP, which is
suitable for surface-mount assembly. The TLP3105 features high
ON-state current and low ON-state resistance, hence the TLP3105 is
suitable to control a power line.
• 6-pin SOP (2.54SOP6): 2.1 mm high, 2.54 mm pitch
• Normally opened (form A) device
• Peak OFF-state voltage: 100 V (min)
• Trigger LED current: 3 mA (max)
• ON-state current: 1.4 A (max) (Ta=50℃)
• ON-state resistance: 0.1 Ω (typ.), 0.2 Ω (max)
• Capacitance: 1000 pF (typ.)
• OFF-state current: 10 nA (max)
• Isolation voltage: 1500 Vrms (min)
Pin Configuration (top view)
Schematic
Unit: mm
TOSHIBA
11-7C1
Weight: 0.13 g (typ.)
1: Anode
2: Cathode
3: N.C.
4: Drain D1
5: Source
6: Drain D2
1
2
4
6
3
5


Similar Part No. - TLP3105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
Normally opened (1-Form-A)
TLP3106A TOSHIBA-TLP3106A Datasheet
319Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
More results

Similar Description - TLP3105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
26-Dec-2002
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com