Electronic Components Datasheet Search
  English  ▼

X  

TLP3105 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3105
Description  Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3105 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3105 Datasheet HTML 1Page - Toshiba Semiconductor TLP3105 Datasheet HTML 2Page - Toshiba Semiconductor TLP3105 Datasheet HTML 3Page - Toshiba Semiconductor TLP3105 Datasheet HTML 4Page - Toshiba Semiconductor TLP3105 Datasheet HTML 5Page - Toshiba Semiconductor TLP3105 Datasheet HTML 6Page - Toshiba Semiconductor TLP3105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP3105
2012-07-03
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating (Ta
≥ 25°C)
ΔIF/°C
−0.3
mA/°C
Reverse voltage
VR
5
V
LED
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
100
V
A connection
1.4
B connection
1.4
On-state
current
C connection
ION
2.8
A
A connection
−18.7
B connection
−18.7
Forward
current
derating
(Ta
≥ 50°C) C connection
ΔION/°C
−37.3
mA/°C
Pulse on-state current(t = 100ms)
IONP
4
A
Detector
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to 125
°C
Operating temperature
Topr
−40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min, R.H.
≤ 60%) (Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Device considered a two-terminal device: Pins 1, 2 and, 3 shorted together, and pins 4, 5 and 6 shorted
together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
⎯
⎯
100
V
Forward current
IF
⎯
7.5
20
mA
Operating temperature
Topr
-20
⎯
65
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com