Electronic Components Datasheet Search
  English  ▼

X  

AIC1521 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1521
Description  Single High-Side Power Switch With Control Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1521 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1521 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AIC1521
2
n ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
AIC1521-XCX
PACKAGING TYPE
O: MSOP
S: SO8
W: SOT-89-5
CONTROL POLARITY
0: Active Low
1: Active High
AIC1521-0CW
AIC1521-1CW
(SOT-89-5)
FRONT VIEW
1: IN
2: GND
3: OUT
4: NC
5: CTL
1
2
3
5
4
AIC1521-0CO
AIC1521-1CO
(MSOP8)
NC
NC
OUT
GND
IN
CTL
NC
NC 1
3
4
2
8
6
5
7
FRONT VIEW
AIC1521-0CS
AIC1521-1CS
(SO8)
NC
NC
OUT
GND
IN
CTL
NC
NC 1
3
4
2
8
6
5
7
FRONT VIEW
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)
.......................................................………… .......…… ........... 7.0V
Operating Temperature Range
......……… ..............…………… .… ............... -40
°C ~ 85°C
Storage Temperature Range
....................................……… .................. -65
°C ~ 150°C
n ELECTRICAL CHARACTERISTICS (V
IN= 5V, Ta=25
°C, unless otherwise
specified.)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Current
Switch Off, OUT=Open
Switch On, OUT=Open
0.75
80
2
100
µA
Control Input Voltage
VCTL =Logic “0”
VCTL =Logic “1”
2.4
0.8
V
Control Input Current
VCTL =Logic “0”
VCTL =Logic “1”
0.01
0.01
1
1
µA
Output MOSFET Resistance
IOUT = 500mA
120
180
m
Ω
Output Turn-On Rise Delay
RL = 10
Ω
30
µS
Output Turn-On Rise Time
RL = 10
Ω
500
µS
Output Turn-Off Delay
RL = 10
Ω
0.2
10
µS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com