Electronic Components Datasheet Search
  English  ▼

X  

DRR4010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DRR4010
Description  Subminiature Rotary Coded Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DRR4010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DRR4010 Datasheet HTML 1Page - List of Unclassifed Manufacturers DRR4010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Subminiature Rotary Coded Switches for SMT
132
6
Specifications:
Contact rating:
50 V DC, 100 mA, non switching
15 V DC, 30 mA , switching
Contact resistance:
< 100 m
½
Insulation resistance:
> 1000 M
½ at 250 V DC
Dielectric strength:
250 V, 50 Hz for the duration of 1 minute
Operating temperature:
– 20° to + 80° C
Mechanical life:
minimum 20 000 operations
Contacts:
phosphor bronze, gold-plated
Terminals:
phosphor bronze, tin-plated
Case material:
PPS black, rotor: standard types yellow; inverse types red
Construction:
case totally sealed with protective tape
Mounting:
on pc-board – SMD
Models:
Code
SMR 5016
Hexadecimal
SMR 5116
Hexadecimal Inverse
SMR 5010
BCD
SMR 5110
BCD Inverse
Packaging:
sticks or tapes
for order on tape: additional to type number: T
example of order: SMR 5010 T
Stick
Tape
Reel
50 pieces; L 530 mm
500 pieces
‡ 330 mm
Soldering conditions:
reflow-line – max.: 40 sec, 200° C
peak temperature: 230º C
SMR 5016
SMR 5010
time/sec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com