Electronic Components Datasheet Search
  English  ▼

X  

DRR4010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DRR4010
Description  Subminiature Rotary Coded Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DRR4010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DRR4010 Datasheet HTML 1Page - List of Unclassifed Manufacturers DRR4010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature Rotary Coded Switches
131
6
Models:
Code
DRS 3010
BCD
DRS 3110
BCD Inverse
DRS 3016
Hexadecimal
DRS 3116
Hexadecimal Inverse
DRS 4010
BCD
DRS 4110
BCD Inverse
DRS 4016
Hexadecimal
DRS 4116
Hexadecimal Inverse
DRR 4010
BCD
DRR 4110
BCD Inverse
DRR 4016
Hexadecimal
DRR 4116
Hexadecimal Inverse
DRR 3010
BCD
DRR 3110
BCD Inverse
DRR 3016
Hexadecimal
DRR 3116
Hexadecimal Inverse
Accessories:
Caps*
yellow
KR 108
red
KR 109
grey
KR 207
white
KR 110
* further types on request
Specifications:
Contact rating:
50 V DC, 100 mA, non switching
15 V DC, 30 mA, switching
Contact resistance:
< 100 m
½
Insulation resistance:
> 1000 M
½ at 250 V DC
Dielectric strength:
250 V, 50 Hz for the duration of 1 minute
Operating temperature:
– 25° to + 75° C
Mechanical life:
minimum 20 000 operations
Contacts:
gold-plated
Terminals:
PC terminals, phosphor bronze, tin-plated
Case material:
PBT black, rotor: standard types yellow; inverse types red
Construction:
case totally sealed, suitable for washing by immersion
Mounting:
on pc-board
Soldering conditions:
auto-soldering – max.: 3 sec, 245° C ± 10º C
DRS 3010
DRS 4016
DRR 3010
DRR 4016


Similar Part No. - DRR4010

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
DRR-129 HAMLIN-DRR-129 Datasheet
65Kb / 1P
Normally open switch size with 50.80mm x 5.25mm
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
DRR-129 50.8mm Close-Differential Reed Switch
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
DRR-20X DELTA-DRR-20X Datasheet
809Kb / 8P
CliQ II Redundancy Module
logo
Littelfuse
DRR-DTH LITTELFUSE-DRR-DTH Datasheet
302Kb / 2P
Axial Lead Reed Switches
More results

Similar Description - DRR4010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com