Electronic Components Datasheet Search
  English  ▼

X  

APA0713 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA0713 Datasheet HTML 3Page - Anpec Electronics Coropration APA0713 Datasheet HTML 4Page - Anpec Electronics Coropration APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration APA0713 Datasheet HTML 10Page - Anpec Electronics Coropration APA0713 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
7
Typical Operating Characteristics (Cont.)
Power Dissipation vs. Output Power
Output Power (mW)
Power Dissipation vs. Output Power
Output Power (mW)
0
50
100
150
200
250
300
350
0
200
400
600
R
L=8Ω
R
L=32Ω
V
DD=3.3V
BTL
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
V
DD=5V
BTL
R
L=8Ω
R
L=32Ω
THD+N vs. Frequency
Frequency (Hz)
THD+N vs. Output Power
Output Power (W)
0
0.4
0.8
1.6
2
0.1
10
1
2
0.2
V=5V
V=3.3V
RL=4
Ω
f=1kHz
Gain=6dB
BTL
1.2
20
20k
100
1k
10k
0.1
0.3
1
0.06
Po=600mW
V=3.3V
RL=4
Ω
Gain=6dB
BTL
Po=60mW
Po=300mW
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.1
0.3
1
0.06
V=5V
RL=4
Ω
Gain=6dB
BTL
Po=1.3W
Po=0.6W
Po=0.15W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com