Electronic Components Datasheet Search
  English  ▼

X  

APA0713 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration APA0713 Datasheet HTML 10Page - Anpec Electronics Coropration APA0713 Datasheet HTML 11Page - Anpec Electronics Coropration APA0713 Datasheet HTML 12Page - Anpec Electronics Coropration APA0713 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
9
Typical Application Circuits
For Differential Input Application
For Single-ended Input Application
+
_
+
_
CB
1
µF
CI
0.47
µF
RI
From System Control
VDD
CS
VDD/2
Bypass
Shutdown
IN+
1
2
3
4
5
6
7
8
VO+
VO-
GND
IN-
Bias
Control
RF
10k
Ω
Audio
Input
VDD
1
µF
10k
Ω
+
_
+
_
CB
1
µF
CI
0.47
µF
RI
From System Control
VDD
CS
VDD/2
Bypass
Shutdown
IN+
1
2
3
4
5
6
7
8
VO+
VO-
GND
IN-
Bias
Control
RF
10k
Ω
Audio
Input-
VDD
1
µF
Audio
Input+
CI
0.47
µF
RI
RF
10k
Ω
10k
Ω
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com