Electronic Components Datasheet Search
  English  ▼

X  

AIC1563CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1563CS
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1563CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1563CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AIC1563
AIC1563
2
ORDERING INFORMATION
AIC1563 XX
ORDER NUMBER
AIC1563CN
(PLASTIC DIP)
PIN CONFIGURATION
AIC1563CS
(PLASTIC SO)
TOP VIEW
VCC
BOOST
DE
CF
GND
IS
FB
DC 1
3
4
2
8
6
5
7
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE
C: 0
°C~+70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
..............................................................……………............................. 30V
Comparator Input Voltage Range
............................................………….......... -0.3V~30V
Switch Collector Voltage
....................................................……………......................... 30V
Switch Emitter Voltage
......................................................……………......................... 30V
Switch Collector to Emitter Voltage
..................................…………............................. 30V
Driver Collector Voltage
....................................................…………….......................... 30V
Switch Current
................................................………………......................................... 2A
Power Dissipation and Thermal Characteristics
DIP Package
Ta= 25
°C ............................…………................................ 1.0W
Thermal Resistance .............…………......................... 100
°C/W
SO Package
Ta= 25
°C ......................……………............................... 625mW
Thermal Resistance ...................………...................... 160
°C/W
Operating Junction Temperature
.....................................................………............. 125
°C
Operating Ambient Temperature Range .......................……………......................... 0~70
°C
Storage Temperature Range ...................................………….................... - 65
°C ~ 150°C
TEST CIRCUIT
BOOST
AIC1563
8
7
6
5
4
3
2
1
DC
IS
DE
CF
GND
FB
VCC
R1
1K
CT
1nF
1A
Current Source
VCC
1.275V
VCC
50mA
Current Source
4.55V
@VCC=5V
4.75V
2V/0V
IDISCHG/ ICHG
1.225V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com