Electronic Components Datasheet Search
  English  ▼

X  

AIC1563CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1563CS
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1563CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1563CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1563CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIC1563
AIC1563
3
ELECTRICAL CHARACTERISTICS (VCC= 5V, Ta=25°°°°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Oscillator
Charging Current
5.0V
≤VCC≤30V
ICHG
10
25
40
µA
Discharge Current
5.0V
≤VCC≤30V
IDISCHG
100
150
200
µA
Voltage Swing
PIN 3
VOSC
0.6
V
Discharge to Charge Cur-
rent Ratio
VIS =VCC
IDISCHG / ICHG
6.0
Current Limit Sense Voltage ICHG=IDISCHG
VCC - VIS
250
300
350
mV
Output Switch
Saturation Voltage, Emitter
Follower Connection
IDE=1.0A;
VBOOST =VDC = VCC
VCE(SAT)
1.5
1.8
V
Saturation Voltage
IDC=1.0A; IBOOST
=50mA, (Forced
β≅20)
VCE (SAT)
0.4
0.7
V
DC Current Gain
ISC =1.0A; VCE=5.0V
hFE
35
120
Collector Off-State Current
VCE=30V
IC(OFF)
10
nA
Comparactor
Threshold Voltage
Ta=25
°C
0
°C ≤ Ta ≤ 70°C
VFB
1.225
1.21
1.25
1.275
1.29
V
V
Threshold Voltage Line
Regulation
3.0V
≤VCC≤30V
REGLINE
0.1
0.3
mV/V
Input Bias Current
VIN=0V
IIB
0.4
1
µA
Supply Current
VIS =VCC, pin 5>VFB
5.0V
≤ VCC ≤30V
CT=1nF
PIN 2=GND
Remaining pins open
ICC
1.6
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com