Electronic Components Datasheet Search
  English  ▼

X  

84534 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 84534
Description  FPC Connector Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

84534 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 84534 Datasheet HTML 20Page - Tyco Electronics 84534 Datasheet HTML 21Page - Tyco Electronics 84534 Datasheet HTML 22Page - Tyco Electronics 84534 Datasheet HTML 23Page - Tyco Electronics 84534 Datasheet HTML 24Page - Tyco Electronics 84534 Datasheet HTML 25Page - Tyco Electronics 84534 Datasheet HTML 26Page - Tyco Electronics 84534 Datasheet HTML 27Page - Tyco Electronics 84534 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.0 mm, FPC Connector,
Non-ZIF, Right-Angle,
Bottom Contact, Type B
Part Number
1470790
Lead Free
1734779
Material and Finish
Housing — Thermoplastic, UL 94V-O,
black color
Contacts — Phosphor bronze
Technical Documents
Product Specification — 108-57354
Recommended FPC Layout
3.50
[.138]
Min.
Typ.
0.70
[.028]
(No. of Contacts + 1)
✕
1.00
[.039]
1.00
[.039]
1.00
[.039]
Typ.
Typ.
C
B
A
1.00
[.039]
2.00
[.079]
0.40
[.016]
0.50
[.020]
3.20
[.126]
3.60
[.142]
6.80
[.268]
2.00
[.079]
5.40
[.213]
A
Typ.
1.00
[.039]
Typ.
Ø 0.70
[.028]
Circuit No. 1
2.00
[.079]
2.00
[.079]
Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com