Electronic Components Datasheet Search
  English  ▼

X  

84534 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 84534
Description  FPC Connector Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

84534 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 84534 Datasheet HTML 21Page - Tyco Electronics 84534 Datasheet HTML 22Page - Tyco Electronics 84534 Datasheet HTML 23Page - Tyco Electronics 84534 Datasheet HTML 24Page - Tyco Electronics 84534 Datasheet HTML 25Page - Tyco Electronics 84534 Datasheet HTML 26Page - Tyco Electronics 84534 Datasheet HTML 27Page - Tyco Electronics 84534 Datasheet HTML 28Page - Tyco Electronics 84534 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.0 mm, FPC Connector,
Non-ZIF, Right Angle,
Bottom Contact, Type B
Part Number
1470790
Lead Free
1734779
Technical Documents
Product Specification — 108-57354
Part Number
No. of
Dimension
Contacts
ABC
1470790-4
4
3.00
5.05
7.00
.118
.198
.276
1470790-5
5
4.00
6.05
8.00
.157
.238
.315
1470790-6
6
5.00
7.05
9.00
.197
.277
.354
1470790-7
7
6.00
8.05
10.00
.236
.316
.394
1470790-8
8
7.00
9.05
11.00
.276
.356
.433
1470790-9
9
8.00
10.05
12.00
.315
.395
.472
1-1470790-0
10
9.00
11.05
13.00
.354
.435
.512
1-1470790-1
11
10.00
12.05
14.00
.394
.474
.551
1-1470790-2
12
11.00
13.05
15.00
.433
.513
.591
1-1470790-3
13
12.00
14.05
16.00
.472
.553
.630
1-1470790-4
14
13.00
15.05
17.00
.512
.592
.669
1-1470790-5
15
14.00
16.05
18.00
.551
.631
.709
1-1470790-6
16
15.00
17.05
19.00
.591
.671
.748
1-1470790-7
17
16.00
18.05
20.00
.630
.710
.787
1-1470790-8
18
17.00
19.05
21.00
.669
.750
.827
1-1470790-9
19
18.00
20.05
22.00
.709
.788
.866
2-1470790-0
20
19.00
21.05
23.00
.748
.828
.906
2-1470790-1
21
20.00
22.05
24.00
.787
.857
.945
2-1470790-2
22
21.00
23.05
25.00
.827
.907
.984
2-1470790-3
23
22.00
24.05
26.00
.866
.946
1.024
2-1470790-4
24
23.00
25.05
27.00
.906
.986
1.063
2-1470790-5
25
24.00
26.05
28.00
.945
1.025
1.102
2-1470790-6
26
25.00
27.05
29.00
.984
1.064
1.142
2-1470790-7
27
26.00
28.05
30.00
1.024
1.104
1.181
2-1470790-8
28
27.00
29.05
31.00
1.063
1.143
1.220
2-1470790-9
29
28.00
30.05
32.00
1.102
1.183
1.259
3-1470790-0
30
29.00
31.05
33.00
1.142
1.222
1.299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com