Electronic Components Datasheet Search
  English  ▼

X  

APA2120 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2120
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2120 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2120 Datasheet HTML 1Page - Anpec Electronics Coropration APA2120 Datasheet HTML 2Page - Anpec Electronics Coropration APA2120 Datasheet HTML 3Page - Anpec Electronics Coropration APA2120 Datasheet HTML 4Page - Anpec Electronics Coropration APA2120 Datasheet HTML 5Page - Anpec Electronics Coropration APA2120 Datasheet HTML 6Page - Anpec Electronics Coropration APA2120 Datasheet HTML 7Page - Anpec Electronics Coropration APA2120 Datasheet HTML 8Page - Anpec Electronics Coropration APA2120 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jul., 2013
APA2120/2121
www.anpec.com.tw
2
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage Range
-0.3 to 6
V
VIN
Input Voltage Range, SE/BTL, HP/LINE, SHUTDOWN, PCBEN
-0.3 to VDD+0.3
V
TA
Operating Ambient Temperature Range
-40 to 85
°C
TJ
Maximum Junction Temperature
Intermal Limited
(Note 2)
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TS
Maximum Lead Soldering Temperature,10 Seconds
260
°C
PD
Power Dissipation
Intermal Limited
W
Absolute Maximum Ratings (Note 1)
Pin Configuration
APA2120/1
Bottom View
Thermal
Pad
Multiple Input Selection
PCBEEP Control Input
APA2120
SE/BTL
PCBEN
APA2121
HP/LINE
-
1
10
11
12
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
LOUT-
LHPIN
RBYPASS
GND
PCBEN
VOLUME
LOUT+
LLINEIN
LBYPASS
PVDD
GND
BYPASS
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
SE/BTL
PVDD
GND
PC-BEEP
VDD
CLK
ROUT-
APA2120
TOP View
1
10
11
12
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
LOUT-
LHPIN
RBYPASS
GND
HP/LINE
VOLUME
LOUT+
LLINEIN
LBYPASS
PVDD
GND
BYPASS
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
SE/BTL
PVDD
GND
PC-BEEP
VDD
CLK
ROUT-
APA2121
TOP View
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2: APA2120/1 integrated internal thermal shutdown protection when junction temperature ramp up to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com