Electronic Components Datasheet Search
  English  ▼

X  

APA2120 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2120
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2120 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2120 Datasheet HTML 2Page - Anpec Electronics Coropration APA2120 Datasheet HTML 3Page - Anpec Electronics Coropration APA2120 Datasheet HTML 4Page - Anpec Electronics Coropration APA2120 Datasheet HTML 5Page - Anpec Electronics Coropration APA2120 Datasheet HTML 6Page - Anpec Electronics Coropration APA2120 Datasheet HTML 7Page - Anpec Electronics Coropration APA2120 Datasheet HTML 8Page - Anpec Electronics Coropration APA2120 Datasheet HTML 9Page - Anpec Electronics Coropration APA2120 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jul., 2013
APA2120/2121
www.anpec.com.tw
6
0.01
10
0.1
1
10m
500m
100m
THD+N vs. Output Power
Output Power (W)
0.01
10
0.1
1
20
20k
100
1k
THD+N vs. Frequency
Frequency (Hz)
0.01
10
0.1
1
10m
2
100m
1
THD+N vs. Output Power
Output Power (W)
0.01
10
0.1
1
20
20k
100
1k
THD+N vs. Frequency
Frequency (Hz)
Typical Operating Characteristics (Cont.)
V
DD=5V
R
L=8Ω
A
V=2
BTL
f
in=20Hz
f
in=20kHz
f
in=1kHz
V
DD=5V
R
L=8Ω
P
O=250mW
SE
V
DD=5V
R
L=8Ω
P
O=1.0W
BTL
A
V=2
A
V=5
A
V=10
A
V=1
A
V=5
A
V=2.5
V
DD=5V
R
L=8Ω
A
V=2
BTL
f
in=20Hz
f
in=20kHz
f
in=1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com